PART |
Description |
Maker |
1608670000 |
Terminal Block; Wire Size (AWG):22-8; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Tension Clamp MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
57.504.0055.0 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Gray; Current Rating:35A; Terminal Block Clamp Type:Feed-Thru Terminals; Voltage Rating:600V RoHS Compliant: Yes 35 A, MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc.
|
1792730000 |
Terminal Block; Wire Size (AWG):24-16; Mounting Type:DIN Rail; Terminal Block Clamp Type:Spring Clamp 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1011200000 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp; External Width:35mm; Voltage Rating, AC:800V RoHS Compliant: Yes 10 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
67600973 |
Terminal Block; No. of Positions:16; Pitch Spacing:0.2"; Wire Size (AWG):24-14; Mounting Type:PC Board; Leaded Process Compatible:Yes RoHS Compliant: Yes 16 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1722480000 |
Terminal Block; Pitch Spacing:0.2"; Wire Size (AWG):26-14; Mounting Type:PC Board; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
39100-1002 39100-1003 39100-1004 39100-1005 39100- |
391001306 12MM LOW PROFILE W/WIRE PROTEC 3 ASY 12MM LOW PROFILE W/WIRE PROTEC 7 ASY 12MM LOW PROFILE W/WIRE PROTEC 9 ASY Terminal Block; No. of Positions:10; Pitch Spacing:0.472"; Wire Size (AWG):20-8; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERMINAL STRIP 3POS 15MM 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERMINAL STRIP 3POS 12MM 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:10; Pitch Spacing:0.591"; Wire Size (AWG):14-6; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Number of Positions:10; Pitch Spacing:0.394"; Wire Size (AWG):18-10; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 8.00mm (.315? Pitch 10.00mm (.394? Pitch 12.00mm (.472? Pitch 15.00mm (.591? Pitch Eurostyle? Two-Screw Terminal Strip 10MM HIGH PROFILE W/WIRE PROTEC 11 ASY 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 15MM HIGH PROFILE W/WIRE PROTEC 11 ASY 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 10MM LOW PROFILE W/WIRE PROTEC 11 ASY 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 12MM LOW PROFILE W/WIRE PROTEC 11 ASY 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 8.00mm (.315隆卤) Pitch 10.00mm (.394隆卤) Pitch 12.00mm (.472隆卤) Pitch 15.00mm (.591隆卤) Pitch Eurostyle垄莽 Two-Screw Terminal Strip
|
MOLEX INC Molex, Inc. Molex Electronics Ltd.
|
39970-0112 39970-0106 39970-0307 |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Terminal Block; No. of Positions:6; Pitch Spacing:0.4"; Wire Size (AWG):18-6; Mounting Type:PC Board; Body Material:Thermoplastic; Color:Black; Current Rating:60A; No. of Contacts:6 RoHS Compliant: Yes 60 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 10.16MM 7 ASY VERT 40 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
0191310042 AA-2118-06X |
InsulKrimp?/a> Block Spade Tongue Terminal for 18 to 22 AWG Wire, Stud Size 6Length 6.35mm (.250) InsulKrimp Block Spade Tongue Terminal for 18 to 22 AWG Wire, Stud Size 6Length 6.35mm (.250)
|
Molex Electronics Ltd.
|
BB-2781-06X 0191310020 |
InsulKrimp Block Spade Tongue Terminal for 14 to 16 AWG Wire, Stud Size 6,Length 19.80mm (.781)
|
Molex Electronics Ltd.
|
AA-234-08X |
InsulKrimp Block Spade Tongue Terminal for 18 to 22 AWG Wire, Stud Size 8,Length 19.94mm (.785)
|
Molex Electronics Ltd.
|
AA-238-06XT 191310030 |
InsulKrimp Block Spade Tongue Terminal for 18 to 22 AWG Wire, Stud Size 6Length 19.91mm (.785), Mylar Tape Carrier
|
Molex Electronics Ltd.
|
|